PART |
Description |
Maker |
SDA4AK SDA2AK |
Bidirectional Clamping Diode Bidirektionale Begrenzer-Diode Surface mount bidirectional Clamping Diodes
|
Diotec Elektronische DIOTEC[Diotec Semiconductor]
|
NTE4953 NTE4903 NTE4939 NTE4919 NTE4923 NTE4927 NT |
Surge Clamping, Transient Overvoltage Suppressor Bidirectional Surge Clamping Transient Overvoltage Suppressor Bidirectional 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
TT260N22KOF |
Ultra Low Clamping Bidirectional ESD / Transient Protection Diode
|
Infineon Technologies AG
|
SDA4AK SDA2AK |
Bidirectional clamping diodes
|
SEMIKRON[Semikron International]
|
NZQA5V6AXV5SERIES |
ESD Protection Diode with Low Clamping Voltage
|
ON Semiconductor
|
TPB100RL TPB180RL TPB220RL TPB130RL |
SINGLE BIDIRECTIONAL BREAKOVER DIODE|133V V(BO) MAX|800MA I(S)|AXIAL-10 SINGLE BIDIRECTIONAL BREAKOVER DIODE|240V V(BO) MAX|800MA I(S)|AXIAL-10 SINGLE BIDIRECTIONAL BREAKOVER DIODE|293V V(BO) MAX|800MA I(S)|AXIAL-10 单双向击穿二极管| 293V五(公报)最大| 800mA的我(县)|轴流- 10 SINGLE BIDIRECTIONAL BREAKOVER DIODE|173V V(BO) MAX|800MA I(S)|AXIAL-10 单双向击穿二极管| 173V五(公报)最大| 800mA的我(县)|轴流- 10
|
STMicroelectronics N.V. International Rectifier, Corp.
|
HD74CBTS16212A |
24-bit FET Bus-Exchange Switches with Schottky diode clamping
|
Renesas Electronics Corporation
|
CBTS3306PW CBTS3306 CBTS3306D CBTS3306_1 |
From old datasheet system Dual bus switch with Schottky diode clamping
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
SN74CBTS16212DL |
24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
|
http://
|
STA60K89S STA60K79S1 STB60K1000S T00014D-15 |
HIGH VOLTAGE BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 60000 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Solid States Devices, Inc SOLID STATE DEVICES INC Solid States Devices, I...
|
P6KE39A P6KE9.1CA P6KE51CA P6KE300A P6KE300CA P6KE |
16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] Microsemi
|
SA12A-T SA20CA-T SA10CA-T SA15CA-T SA7V0CA |
TVS UNI-DIR 12V 500W DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS BI-DIR 20V 500W DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS BI-DIR 10V 500W DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS BI-DIR 15V 500W DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 500W TRANSIENT VOLTAGE SUPPRESSOR
|
Diodes, Inc. Diodes Incorporated
|